Part Number Hot Search : 
C1404 MTD214 D214I P1840SA SY605 CY7C141 15090 AOZ101
Product Description
Full Text Search
 

To Download 803-99-016-10-005 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Series 800
24
PCB connectors 2.54 mm Single row / double row Solder tail
Receptacles, solder tail Accept square pins s 0.635 mm and round pins 0.70-0.80 mm For corresponding pin connectors see pages 30 to 35
Platings 91 93 99
Sleeve 5 m Sn Pb 5 m Sn Pb 5 m Sn Pb
Clip 0.25 m Au 0.75 m Au 5 m Sn Pb
Pin
Ordering information Replace xxx with the number of poles, e.g. 803-91-xxx-10-003 for a double row version with 8 pins per row becomes: 803-91-016-10-003 Option: Triple row on request
801-91-xxx-10-003 801-93-xxx-10-003 801-99-xxx-10-003
Straight receptacle height 8 mm: solder tail, single row Availability from: 1 to 36 contacts Standard number of contacts 36
803-91-xxx-10-003 803-93-xxx-10-003 803-99-xxx-10-003
Straight receptacle height 8 mm: solder tail, double row Availability from: 4 to 100 contacts Standard number of contacts 72 and 100
801-91-xxx-10-005 801-93-xxx-10-005 801-99-xxx-10-005
Straight receptacle height 8.5 mm: solder tail, single row Availability from: 1 to 36 contacts Standard number of contacts 36
803-91-xxx-10-005 803-93-xxx-10-005 803-99-xxx-10-005
Straight receptacle height 8.5 mm: solder tail, double row Availability from: 4 to 100 contacts Standard number of contacts 100


▲Up To Search▲   

 
Price & Availability of 803-99-016-10-005

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X